Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP12 Datasheet (PDF) - XP Power Limited

GP12 Datasheet PDF - XP Power Limited
Part # GP12
Download  GP12 Download
File Size   2391.85 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description GP Series

GP12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP12 Datasheet PDF - XP Power Limited

Part # GP12
Download  GP12 Click to download

File Size   2391.85 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description GP Series

GP12 Datasheet (HTML) - XP Power Limited


GP12 Product details

Features
• Output Voltages from 200V to 6kV
• Output Voltage Proportional to Input
• Low Turn-on Voltage 0.7VDC
• Input to Output Isolation
• Dual Output Models
• No Minimum Load
• 3 Year Warranty




Similar Part No. - GP12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP12 XPPOWER-GP12 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Yuan Dean Scientific., ...
GP12 YUANDEAN-GP12 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S03 YUANDEAN-GP12-S03 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S05 YUANDEAN-GP12-S05 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S09 YUANDEAN-GP12-S09 Datasheet
380Kb / 2P
AC-DC Converter
More results


Similar Description - GP12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
Single Ended GP - Capacitors
logo
Tyco Electronics
GPIN MACOM-GPIN Datasheet
265Kb / 4P
GP/ML/TR series 10 Amp Control Relay
logo
TE Connectivity Ltd
408-8457 TEC-408-8457 Datasheet
211Kb / 2P
GP and TR Series Control Relays
logo
DDK Ltd.
408JE-101S-ROHS DDK-408JE-101S-ROHS Datasheet
339Kb / 2P
GP-IB Cable Assembly
logo
GPB International Limit...
GP24G GP-GP24G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery
GPCR123A GP-GPCR123A Datasheet
379Kb / 1P
GP Lithium Battery 3 Volts
GP186F GP-GP186F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GPCR2430 GP-GPCR2430 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPPX625AF GP-GPPX625AF Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
logo
TDK Electronics
SD0201SL-S-GP103 TDK-SD0201SL-S-GP103 Datasheet
385Kb / 13P
General purpose (GP) type
2021-12-07 Version: P4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com