Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-2429-TWT-5V-R Datasheet (PDF) - PUI audio inc.

AI-2429-TWT-5V-R Datasheet PDF - PUI audio inc.
Part # AI-2429-TWT-5V-R
Download  AI-2429-TWT-5V-R Download
File Size   422.21 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description Solder Temp.:350±10℃;

AI-2429-TWT-5V-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AI-2429-TWT-5V-R Datasheet PDF - PUI audio inc.

Part # AI-2429-TWT-5V-R
Download  AI-2429-TWT-5V-R Click to download

File Size   422.21 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description Solder Temp.:350±10℃;

AI-2429-TWT-5V-R Datasheet (HTML) - PUI audio inc.


AI-2429-TWT-5V-R Product details

Description
Released from Engineering




Similar Part No. - AI-2429-TWT-5V-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2429-TWT-12V-2-R PUI-AI-2429-TWT-12V-2-R Datasheet
212Kb / 1P
REVISED TONE OR PULSE RATE
logo
PUI audio inc.
AI-2429-TWT-12V-2-R PUIAUDIO-AI-2429-TWT-12V-2-R Datasheet
552Kb / 3P
24mm diameter, 3-20 VDC self-drive indicator
logo
Projects Unlimited, Inc...
AI-2429-TWT-12V-3-R PUI-AI-2429-TWT-12V-3-R Datasheet
213Kb / 1P
REVISED TONE OR PULSE RATE
logo
PUI audio inc.
AI-2429-TWT-12V-3-R PUIAUDIO-AI-2429-TWT-12V-3-R Datasheet
670Kb / 3P
24mm diameter, 3-20 VDC self-drive indicator
logo
Projects Unlimited, Inc...
AI-2429-TWT-2-R PUI-AI-2429-TWT-2-R Datasheet
245Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results


Similar Description - AI-2429-TWT-5V-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44118 PASTERNACK-PE44118 Datasheet
253Kb / 2P
SHV Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44149 PASTERNACK-PE44149 Datasheet
204Kb / 2P
FME Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4544 PASTERNACK-PE4544 Datasheet
207Kb / 2P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
logo
New Jersey Semi-Conduct...
GSRU10030 NJSEMI-GSRU10030 Datasheet
105Kb / 2P
NPN 300, 350, 400V 10 AMP SWITCHING
logo
Pasternack Enterprises,...
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com