Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOM-5035L-HD3-LW100-R Datasheet (PDF) - PUI audio inc.

AOM-5035L-HD3-LW100-R Datasheet PDF - PUI audio inc.
Part # AOM-5035L-HD3-LW100-R
Download  AOM-5035L-HD3-LW100-R Download
File Size   487.16 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 75 dB signal-to-noise ratio

AOM-5035L-HD3-LW100-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AOM-5035L-HD3-LW100-R Datasheet PDF - PUI audio inc.

Part # AOM-5035L-HD3-LW100-R
Download  AOM-5035L-HD3-LW100-R Click to download

File Size   487.16 Kbytes
Page   5 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 75 dB signal-to-noise ratio

AOM-5035L-HD3-LW100-R Datasheet (HTML) - PUI audio inc.


AOM-5035L-HD3-LW100-R Product details

Features:
• Convenient 100mm lead wires for quick electrical connection
• -35 dB sensitivity
• 75 dB signal-to-noise ratio
• Omni-directional pickup pattern
• Exceptional 135 dB acoustic overload point (AOP)

Description
Released from Engineering




Similar Part No. - AOM-5035L-HD3-LW100-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOM-5024L-HD-R PUIAUDIO-AOM-5024L-HD-R Datasheet
462Kb / 5P
9.7mm diameter
AOM-5024P-HD-MB-R PUIAUDIO-AOM-5024P-HD-MB-R Datasheet
388Kb / 4P
Revised Frequency Range and Temperature
8/2/2023
More results


Similar Description - AOM-5035L-HD3-LW100-R

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
Pasternack Enterprises,...
PE7038-1 PASTERNACK-PE7038-1 Datasheet
228Kb / 3P
0 to 42 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7038-3 PASTERNACK-PE7038-3 Datasheet
228Kb / 3P
0 to 102 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 2 Watts Up To 1 GHz
PE7035-1 PASTERNACK-PE7035-1 Datasheet
254Kb / 3P
0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-2 PASTERNACK-PE7035-2 Datasheet
254Kb / 3P
0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-3 PASTERNACK-PE7035-3 Datasheet
254Kb / 3P
0 to 70 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 10 dB Step Rated To 1 Watt Up To 500 MHz
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com