Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUM-4537L-HD-R Datasheet (PDF) - PUI audio inc.

AUM-4537L-HD-R Datasheet PDF - PUI audio inc.
Part # AUM-4537L-HD-R
Download  AUM-4537L-HD-R Download
File Size   474.49 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 69 dB signal-to-noise ratio

AUM-4537L-HD-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AUM-4537L-HD-R Datasheet PDF - PUI audio inc.

Part # AUM-4537L-HD-R
Download  AUM-4537L-HD-R Click to download

File Size   474.49 Kbytes
Page   6 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 69 dB signal-to-noise ratio

AUM-4537L-HD-R Datasheet (HTML) - PUI audio inc.


AUM-4537L-HD-R Product details

Features:
• 10mm diameter
• 4.5mm height
• -37 dB sensitivity
• 69 dB signal-to-noise ratio
• Cardioid pickup pattern
Description
Released from Engineering




Similar Part No. - AUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AUM-4538L PUIAUDIO-AUM-4538L Datasheet
427Kb / 6P
60dB (minimum) signal-to-noise ratio
04/21/2025
More results


Similar Description - AUM-4537L-HD-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2131Q SONY-CXD2131Q Datasheet
189Kb / 13P
Video Aspect Ratio Identification Signal Encoder/Decoder
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
logo
American Accurate Compo...
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
List of Unclassifed Man...
LB69-3063 ETC2-LB69-3063 Datasheet
266Kb / 3P
Isolators 69 Series
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
2.62??.69 GHz Linear Power Amplifier Module
logo
PHOENIX CONTACT
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
Housing - HC-HV 6-KMQ-69/M1PG21
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com