Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EMB1606-SC Datasheet (PDF) - PUI audio inc.

HD-EMB1606-SC Datasheet PDF - PUI audio inc.
Part # HD-EMB1606-SC
Download  HD-EMB1606-SC Download
File Size   456.92 Kbytes
Page   4 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 14.4mm x 8mm cylindrical design

HD-EMB1606-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
HD-EMB1606-SC Datasheet PDF - PUI audio inc.

Part # HD-EMB1606-SC
Download  HD-EMB1606-SC Click to download

File Size   456.92 Kbytes
Page   4 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 14.4mm x 8mm cylindrical design

HD-EMB1606-SC Datasheet (HTML) - PUI audio inc.


HD-EMB1606-SC Product details

Features:
14.4mm x 8mm cylindrical design
105mA rated current
10,000 rpm rated speed
Spring contacts for easy installation

Description
RELEASED FROM ENGINEERING




Similar Part No. - HD-EMB1606-SC

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
HD-EMB10-LW25-R PUIAUDIO-HD-EMB10-LW25-R Datasheet
376Kb / 3P
Designed to be driven with 3 VDC
04/07/2022
HD-EMB1005-LW25-R PUIAUDIO-HD-EMB1005-LW25-R Datasheet
376Kb / 3P
Designed to be driven with 3 VDC
04/07/2022
More results


Similar Description - HD-EMB1606-SC

ManufacturerPart #DatasheetDescription
logo
MMD Components
TF155A MMD-TF155A Datasheet
51Kb / 1P
1.5mm X 5mm Cylindrical
logo
LUMEX INC.
SSL-LX25783GD LUMEX-SSL-LX25783GD Datasheet
86Kb / 1P
2.3mm X 8mm RECTANGULAR LED
SSL-LX25783HGW LUMEX-SSL-LX25783HGW Datasheet
76Kb / 1P
2.3mm X 8mm RECTANGULAR LED
SSL-LX25783ID LUMEX-SSL-LX25783ID Datasheet
73Kb / 1P
2.3mm X 8mm RECTANGULAR LED
SSL-LX25783SYD LUMEX-SSL-LX25783SYD Datasheet
74Kb / 1P
2.3mm X 8mm RECTANGULAR LED
SSL-LX25783YD LUMEX-SSL-LX25783YD Datasheet
74Kb / 1P
2.3mm X 8mm RECTANGULAR LED
SSL-LX25789IGW LUMEX-SSL-LX25789IGW Datasheet
67Kb / 1P
2.3mm X 8mm RECTANGULAR LED
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
2mm X 6mm Cylindrical
TF310 MMD-TF310 Datasheet
346Kb / 2P
3 x 8mm, 3 x 8.5mm, 3 x 10mm Cylindrical
logo
Transko Electronics, In...
3X9 TRANSKO-3X9 Datasheet
270Kb / 1P
CYLINDRICAL CRYSTAL (3.1 x 9.3mm)
Rev 4: 09-01-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com