Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4050300012575 Datasheet (PDF) - OSRAM GmbH

4050300012575 Datasheet PDF - OSRAM GmbH
Part # 4050300012575
Download  4050300012575 Download
File Size   219.86 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DECOSTAR 51 50 W 12 V 36° GU5.3

4050300012575 Datasheet (PDF)

Go To PDF Page Download Datasheet
4050300012575 Datasheet PDF - OSRAM GmbH

Part # 4050300012575
Download  4050300012575 Click to download

File Size   219.86 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DECOSTAR 51 50 W 12 V 36° GU5.3

4050300012575 Datasheet (HTML) - OSRAM GmbH


4050300012575 Product details

Product features
Average life: 2,000 h
Dimmable
Color rendering index Ra: 100




Similar Part No. - 4050300012575

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4050300012124 OSRAM-4050300012124 Datasheet
218Kb / 7P
DULUX D/E 10 W/827
August 25, 2014
4050300012148 OSRAM-4050300012148 Datasheet
207Kb / 7P
DULUX D/E 18 W/827
August 25, 2014
More results


Similar Description - 4050300012575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
NXP Semiconductors
AN11411 PHILIPS-AN11411_15 Datasheet
175Kb / 26P
SSL3401HN dimmable driver for MR16/12 V GU5.3
Rev. 1-23 January 2014
UM10731 PHILIPS-UM10731 Datasheet
265Kb / 16P
SSL3401DB1174 7 W mains dimmable MR16/12 V driver for GU5.3 22 mm
Rev. 1.1-14 November 2013
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
logo
RICOH electronics devic...
R1513S RICOH-R1513S Datasheet
1Mb / 23P
Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
April 1, 2012
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
200 W, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com