Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2030A Datasheet (PDF) - RF Monolithics, Inc

SF2030A Datasheet PDF - RF Monolithics, Inc
Part # SF2030A
Download  SF2030A Download
File Size   259.3 Kbytes
Page   11 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 243.95 MHz SAW Filter

SF2030A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2030A Datasheet PDF - RF Monolithics, Inc

Part # SF2030A
Download  SF2030A Click to download

File Size   259.3 Kbytes
Page   11 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 243.95 MHz SAW Filter

SF2030A Datasheet (HTML) - RF Monolithics, Inc


SF2030A Product details

243.95 MHz SAW Filter

• Designed for PHS BTS IF Applications
• Excellent Size-to Performance Ratio
• Hermetic 11.5 X 4.0 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2030A

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
SF2030A-AS SOSHIN-SF2030A-AS Datasheet
99Kb / 2P
Single-phase 2-line 250VAC
More results


Similar Description - SF2030A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Vanlong Technology Co.,...
SF5301 VANLONG-SF5301 Datasheet
92Kb / 2P
243.95 MHz SAW Filter
logo
Oscilent Corporation
803-RF243.95M-B OSCILENT-803-RF243.95M-B Datasheet
172Kb / 2P
243.95 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0253A TAI-SAW-TB0253A Datasheet
845Kb / 6P
243.95 MHz PHS IF SAW Filter (SMD 3.5횞3.5 mm)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0252A TAI-SAW-TB0252A Datasheet
169Kb / 7P
SAW Filter 243.95 MHz 0.26MHz BW
TB0252B TAI-SAW-TB0252B Datasheet
317Kb / 7P
243.95 MHz PHS IF SAW Filter (SMD 3.0횞3.0 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com