Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65110A2161 Datasheet (PDF) - OSRAM GmbH

Q65110A2161 Datasheet PDF - OSRAM GmbH
Part # Q65110A2161
Download  Q65110A2161 Download
File Size   298.14 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BLUE LINETM Hyper TOPLED® Hyper-Bright LED

Q65110A2161 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65110A2161 Datasheet PDF - OSRAM GmbH

Part # Q65110A2161
Download  Q65110A2161 Click to download

File Size   298.14 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BLUE LINETM Hyper TOPLED® Hyper-Bright LED

Q65110A2161 Datasheet (HTML) - OSRAM GmbH


Q65110A2161 Product details

Features
•package: white P-LCC-2 package, colorless clear resin
•feature of the device: extremely wide viewing angle; ideal for backlighting and coupling in light guides
•wavelength: 465 nm (blue)
•viewing angle: Lambertian Emitter (120°)
•technology: GaN
•optical efficiency: 1 lm/W
•grouping parameter: luminous intensity
•assembly methods: suitable for all SMT assembly methods
•soldering methods: IR reflow soldering and TTW soldering
•preconditioning: acc. to JEDEC Level 2
•taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
•ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D




Similar Part No. - Q65110A2161

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2166 OSRAM-Q65110A2166 Datasheet
442Kb / 19P
Automotive Interior Lighting
Q65110A2169 OSRAM-Q65110A2169 Datasheet
441Kb / 19P
Optical Indicator
logo
ams AG
Q65110A2169 AMSCO-Q65110A2169 Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.1 2018-04-03
More results


Similar Description - Q65110A2161

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
Hyper TOPLED White Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
BLUE LINE Hyper TOPLED Hyper-Bright LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com