Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1A Datasheet (PDF) - TAITRON Components Incorporated

US1A Datasheet PDF - TAITRON Components Incorporated
Part # US1A
Download  US1A Download
File Size   134.79 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Ultra Fast Recovery Rectifier

US1A Datasheet (PDF)

Go To PDF Page Download Datasheet
US1A Datasheet PDF - TAITRON Components Incorporated

Part # US1A
Download  US1A Click to download

File Size   134.79 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Ultra Fast Recovery Rectifier

US1A Datasheet (HTML) - TAITRON Components Incorporated


US1A Product details

Features
• Glass passivated junction chip
• Fast switching for high efficiency
• For surface mounted application
• High temperature soldering guaranteed: 250°C/10 seconds,
   at terminals
• Plastic material used carries UL Classification 94V-0
• RoHS Compliance




Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1K-13-F DIODES-RS1K-13-F Datasheet
187Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 14
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com