Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTPB112 Datasheet (PDF) - STMicroelectronics

SMTPB112 Datasheet PDF - STMicroelectronics
Part # SMTPB112
Download  SMTPB112 Download
File Size   55.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISILTM

SMTPB112 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPB112 Datasheet PDF - STMicroelectronics

Part # SMTPB112
Download  SMTPB112 Click to download

File Size   55.13 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISILTM

SMTPB112 Datasheet (HTML) - STMicroelectronics


SMTPB112 Product details

DESCRIPTION

The SMTPBxx series has been designedto protect telecommunication equipment against lightning and transient induced by AC power lines.



FEATURES

BIDIRECTIONAL CROWBAR PROTECTION.

BREAKDOWNVOLTAGE RANGE: From 62 V To 270 V.

HOLDING CURRENT: IH= 150 mA min

REPETITIVE PEAK PULSE CURRENT : IPP= 100 A, 10/1000µs.




Similar Part No. - SMTPB112

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB100 BILIN-SMTPB100 Datasheet
281Kb / 4P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB100 TAYCHIPST-SMTPB100 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB120 BILIN-SMTPB120 Datasheet
281Kb / 4P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB120 TAYCHIPST-SMTPB120 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB130 BILIN-SMTPB130 Datasheet
281Kb / 4P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results


Similar Description - SMTPB112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
TRISILTM
Sep-1998
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
TRISILTM
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
TRISILTM FOR LINE CARD PROTECTION
Aug-1999
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com