Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1CG303 Datasheet (PDF) - Sharp Corporation

PQ1CG303 Datasheet PDF - Sharp Corporation
Part # PQ1CG303
Download  PQ1CG303 Download
File Size   144.97 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Chopper Regulator

PQ1CG303 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ1CG303 Datasheet PDF - Sharp Corporation

Part # PQ1CG303
Download  PQ1CG303 Click to download

File Size   144.97 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Chopper Regulator

PQ1CG303 Datasheet (HTML) - Sharp Corporation


PQ1CG303 Product details

Features

1. Maximum switching current: 3.5A

2. Built-in ON/OFF control function

3. Built-in soft start function to suppress overshoot of output voltage in power on sequence or ON/OFF control sequence

4. Built-in oscillation circuit (Oscillation frequency: TYP. 150kHz)

5. Built-in overheat,overcurrent protection functions

6. TO-220 package

7. Variable output voltage (Output variable range: Vref to 35V/–Vref to –30V)

   [Possible to select step-down output/inversing output according to external connection circuit]

8. PQ1CG3032FZH: Zigzag forming

   PQ1CG3032RZH: Self-stand forming

9. RoHS directive compliant



Applications

1. Color TV

2. Digital OA equipment

3. Facsimiles,printers and OA equipment

4. Personal computers and amusement equipment



 




Similar Part No. - PQ1CG303

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
TO 220 TYPE CHOPPER REGULATOR
PQ1CG3032RZ SHARP-PQ1CG3032RZ Datasheet
90Kb / 8P
TO 220 TYPE CHOPPER REGULATOR
More results


Similar Description - PQ1CG303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
Chopper Type Voltage Regulator???
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ Datasheet
62Kb / 3P
Chopper Regulator
PQ1CX12H2ZPQ SHARP-PQ1CX12H2ZPQ Datasheet
152Kb / 5P
Bootstrap system Chopper Regulator
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
Chopper Regulator Applications
2SK3466 TOSHIBA-2SK3466_10 Datasheet
182Kb / 6P
Chopper Regulator Applications
logo
Sharp Corporation
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
Surface Mount Type Chopper Regulator
logo
Toshiba Semiconductor
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
Chopper Regulator
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
Chopper Regulator
2SK3313 TOSHIBA-2SK3313 Datasheet
270Kb / 6P
Chopper Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com