Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet (PDF) - STMicroelectronics

ST62T53C Datasheet PDF - STMicroelectronics
Part # ST62T53C
Download  ST62T53C Download
File Size   559.13 Kbytes
Page   86 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI

ST62T53C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST62T53C Datasheet PDF - STMicroelectronics

Part # ST62T53C
Download  ST62T53C Click to download

File Size   559.13 Kbytes
Page   86 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI

ST62T53C Datasheet (HTML) - STMicroelectronics


ST62T53C Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST62T53C, ST62T60C, ST62T63C and ST62E60C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of on-chip peripherals.



■ 3.0 to 6.0V Supply Operating Range

■ 8 MHz Maximum Clock Frequency

■ -40 to +125°C Operating Temperature Range

■ Run, Wait and Stop Modes

■ 5 Interrupt Vectors

■ Look-up Table capability in Program Memory

■ Data Storage in Program Memory: User selectable size

■ Data RAM: 128 bytes

■ Data EEPROM: 64/128 bytes (none on ST62T53C)

■ User Programmable Options

■ 13 I/O pins, fully programmable as:

– Input with pull-up resistor

– Input without pull-up resistor

– Input with interrupt generation

– Open-drain or push-pull output

– Analog Input

■ 6 I/O lines can sink up to 30mA to drive LEDs or TRIACs directly

■ 8-bit Timer/Counter with 7-bit programmable prescaler

■ 8-bit Auto-reload Timer with 7-bit programmable prescaler (AR Timer)

■ Digital Watchdog

■ Oscillator Safe Guard

■ Low Voltage Detector for Safe Reset

■ 8-bit A/D Converter with 7 analog inputs

■ 8-bit Synchronous Peripheral Interface (SPI)

■ On-chip Clock oscillator can be driven by Quartz Crystal Ceramic resonator or RC network

■ User configurable Power-on Reset

■ One external Non-Maskable Interrupt

■ ST626x-EMU2 Emulation and Development System (connects to an MS-DOS PC via a parallel port).




Similar Part No. - ST62T53C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
916Kb / 84P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T53CB3 STMICROELECTRONICS-ST62T53CB3 Datasheet
916Kb / 84P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T53CB3 STMICROELECTRONICS-ST62T53CB3 Datasheet
1Mb / 83P
8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
27-Mar-2009
ST62T53CB6 STMICROELECTRONICS-ST62T53CB6 Datasheet
916Kb / 84P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T53CB6 STMICROELECTRONICS-ST62T53CB6 Datasheet
1Mb / 83P
8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
27-Mar-2009
More results


Similar Description - ST62T53C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.7
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST62T52CM-AUTO STMICROELECTRONICS-ST62T52CM-AUTO Datasheet
1Mb / 72P
8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
13-Nov-2007
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T55CM-AUTO STMICROELECTRONICS-ST62T55CM-AUTO Datasheet
1Mb / 79P
8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
13-Nov-2007
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Feb-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com