Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6365 Datasheet (PDF) - STMicroelectronics

ST6365 Datasheet PDF - STMicroelectronics
Part # ST6365
Download  ST6365 Download
File Size   861.92 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING

ST6365 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6365 Datasheet PDF - STMicroelectronics

Part # ST6365
Download  ST6365 Click to download

File Size   861.92 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING

ST6365 Datasheet (HTML) - STMicroelectronics


ST6365 Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST6365,67,75,77,85,87 microcontrollers are members of the 8-bit HCMOS ST638x family, a series of devices specially oriented to TV applications. Different ROM size and peripheral configurations are available to give the maximum application and cost flexibility. All ST638x members are based on a building block approach: a common core is surrounded by a combination of on-chip peripherals (macrocells) available from a standard library. These peripherals are designed with the same Core technology providing full compatibility and short design time. Many of these macrocells are specially dedicated to TV applications.



■ 4.5 to 6V supply operating range

■ 8MHz Maximum Clock Frequency

■ User Program ROM: up to 20140 bytes

■ Reserved Test ROM: up to 340 bytes

■ Data ROM: user selectable size

■ Data RAM: 256 bytes

■ Data EEPROM: 384 bytes

■ 42-Pin Shrink Dual in Line Plastic Package

■ Up to 22 software programmable general purpose Inputs/Outputs, including 2 direct LED driving Outputs

■ Two Timers each including an 8-bit counter with a 7-bit programmable prescaler

■ Digital Watchdog Function

■ Serial Peripheral Interface (SPI) supporting SBUS/ I 2 C BUS and standard serial protocols

■ SPI for external frequency synthesis tuning

■ 14 bit counter for voltage synthesis tuning

■ Up to Six 6-Bit PWM D/A Converters

■ AFC A/D converter with 0.5V resolution

■ Five interrupt vectors (IRIN/NMI, Timer 1 & 2, VSYNC, PWR INT.)

■ On-chip clock oscillator

■ 5 Lines by 15 Characters On-Screen Display Generator with 128 Characters

■ All ROM types are supported by pin-to-pin EPROM and OTP versions.

■ The development tool of the ST6365, ST6375, ST6385, ST6367, ST6377, ST6387 microcon trollers consists of the ST638X-EMU2 emulation and development system to be connected via a standard RS232 serial line to an MS-DOS Personal Computer.



 




Similar Part No. - ST6365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6369 STMICROELECTRONICS-ST6369 Datasheet
584Kb / 71P
8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
Feb-1993
More results


Similar Description - ST6365

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
STMicroelectronics
ST63140 STMICROELECTRONICS-ST63140 Datasheet
715Kb / 86P
8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
Oct-1993
ST6391 STMICROELECTRONICS-ST6391 Datasheet
560Kb / 68P
8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
Oct-1993
STV5730 STMICROELECTRONICS-STV5730 Datasheet
332Kb / 19P
MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
Oct-1994
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
Color TV ON-Screen Display Interface
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
STMicroelectronics
ST6380 STMICROELECTRONICS-ST6380 Datasheet
718Kb / 82P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Oct-2003
ST63P06 STMICROELECTRONICS-ST63P06 Datasheet
329Kb / 7P
8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com