Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4702 Datasheet (PDF) - TAITRON Components Incorporated

1N4702 Datasheet PDF - TAITRON Components Incorporated
Part # 1N4702
Download  1N4702 Download
File Size   245.54 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description ZENER DIODES

1N4702 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4702 Datasheet PDF - TAITRON Components Incorporated

Part # 1N4702
Download  1N4702 Click to download

File Size   245.54 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description ZENER DIODES

1N4702 Datasheet (HTML) - TAITRON Components Incorporated


1N4702 Product details

Zener Diodes

Features
• 500mW Power Dissipation
• High Stability
• Zener Voltage from 3.3V to 39V
• High temperature soldering guaranteed 265°C/10 seconds
   /.037" (9.5mm) lead length,
• RoHS compliant




Similar Part No. - 1N4702

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4702 VISHAY-1N4702 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Compensated Deuices Inc...
1N4702 CDI-DIODE-1N4702 Datasheet
116Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4702 GE-1N4702 Datasheet
40Kb / 2P
ZENER DIODES
logo
Knox Semiconductor, Inc
1N4702 KNOX-1N4702 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4702 MICROSEMI-1N4702 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
More results


Similar Description - 1N4702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com