Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3B Datasheet (PDF) - TAITRON Components Incorporated

DB3B Datasheet PDF - TAITRON Components Incorporated
Part # DB3B
Download  DB3B Download
File Size   231.08 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Bidirectional DIAC Trigger Diode

DB3B Datasheet (PDF)

Go To PDF Page Download Datasheet
DB3B Datasheet PDF - TAITRON Components Incorporated

Part # DB3B
Download  DB3B Click to download

File Size   231.08 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Bidirectional DIAC Trigger Diode

DB3B Datasheet (HTML) - TAITRON Components Incorporated


DB3B Product details

Bidirectional DIAC Trigger Diode



Features

•Low breakover current: 15µA Max.

•Excellent symmetry

•Very low leakage current

•Trigger diode with a fixed voltage reference

•High temperature soldering guaranteed: 250°C/10s/9.5mm lead length at 5 lbs tension

•RoHS Compliance




Similar Part No. - DB3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
ZF Friedrichshafen AG
DB3B-A1AA ZFSWITCHES-DB3B-A1AA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-A1BA ZFSWITCHES-DB3B-A1BA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-B1AA ZFSWITCHES-DB3B-B1AA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-B1BA ZFSWITCHES-DB3B-B1BA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
More results


Similar Description - DB3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Littelfuse
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
ST36A LITTELFUSE-ST36A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
logo
DIOTEC Electronics Corp...
BR1003DO41 DEC-BR1003DO41 Datasheet
243Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com