Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263 Datasheet (PDF) - STMicroelectronics

ST7263 Datasheet PDF - STMicroelectronics
Part # ST7263
Download  ST7263 Download
File Size   857.74 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C

ST7263 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7263 Datasheet PDF - STMicroelectronics

Part # ST7263
Download  ST7263 Click to download

File Size   857.74 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C

ST7263 Datasheet (HTML) - STMicroelectronics


ST7263 Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST7263 Microcontrollers form a sub family of the ST7 dedicated to USB applications. The devices are based on an industry-standard 8-bit core and feature an enhanced instruction set. They operate at a 24MHz or 12 MHz oscillator frequency. Under software control, the ST7263 MCUs may be placed in either Wait or Halt modes, thus reducing power consumption. The enhanced instruction set and addressing modes afford real programming potential. In addition to standard 8-bit data management, the ST7263 MCUs feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes. The devices include an ST7 Core, up to 16K program memory, up to 512 bytes RAM, 19 I/O lines and the following on-chip peripherals:
– USB low speed interface with 3 endpoints with programmable in/out configuration using the DMA architecture with embedded 3.3V voltage regulator and transceivers (no external components are needed).
– 8-bit Analog-to-Digital converter (ADC) with 8 multiplexed analog inputs
– industry standard asynchronous SCI serial interface (not on all products - see device summary below)
– digital Watchdog
– 16-bit Timer featuring an External clock input, 2 Input Captures, 2 Output Compares with Pulse Generator capabilities
– fast I2C Multi Master interface (not on all products - see device summary)
– Low voltage (LVD) reset ensuring proper power on or power-off of the device

All ST7263 MCUs are available in ROM and OTP versions.
The ST72E631 is the EPROM version of the ST7263 in CSDIP32 windowed packages.
A specific mode is available to allow programming of the EPROM user memory array. This is set by a specific voltage source applied to the VPP/TEST pin.

■ Up to 16Kbytes program memory
■ Data RAM: up to 512 bytes with 64 bytes stack
■ Run, Wait and Halt CPU modes
■ 12 or 24 MHz oscillator
■ RAM retention mode
■ USB (Universal Serial Bus) Interface with DMA
   for low speed applications compliant with USB
   1.5 Mbs specification (version 1.1) and USB
   HID specifications (version 1.0)
■ Integrated 3.3V voltage regulator and transceivers
■ Suspend and Resume operations
■ 3 endpoints with programmable in/out configuration
■ 19 programmable I/O lines with:
   – 8 high current I/Os (10mA at 1.3V)
   – 2 very high current pure Open Drain I/Os (25mA at 1.5V)
   – 8 lines individually programmable as interrupt inputs
■ Optional Low Voltage Detector (LVD)
■ Programmable Watchdog for system reliability
■ 16-bit Timer with:
   – 2 Input Captures
   – 2 Output Compares
   – PWM Generation capabilities
   – External Clock input
■ Asynchronous Serial Communications Interface
   (8K and 16K program memory versions only)
■ I2C Multi Master Interface up to 400 KHz
   (16K program memory version only)
■ 8-bit A/D Converter (ADC) with 8 channels
■ Fully static operation
■ 63 basic instructions
■ 17 main addressing modes
■ 8x8 unsigned multiply instruction
■ True bit manipulation
■ Versatile Development Tools (under Windows)
   including assembler, linker, C-compiler,
   archiver, source level debugger, software
   library, hardware emulator, programming
   boards and gang programmers




Similar Part No. - ST7263

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST7263BD6U1 STMICROELECTRONICS-ST7263BD6U1 Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BD6U1XXX STMICROELECTRONICS-ST7263BD6U1XXX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BDx STMICROELECTRONICS-ST7263BDx Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results


Similar Description - ST7263

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Mar-1998
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com