Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431L Datasheet (PDF) - TAITRON Components Incorporated

LM431L Datasheet PDF - TAITRON Components Incorporated
Part # LM431L
Download  LM431L Download
File Size   754.08 Kbytes
Page   13 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Shunt Regulator

LM431L Datasheet (PDF)

Go To PDF Page Download Datasheet
LM431L Datasheet PDF - TAITRON Components Incorporated

Part # LM431L
Download  LM431L Click to download

File Size   754.08 Kbytes
Page   13 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Shunt Regulator

LM431L Datasheet (HTML) - TAITRON Components Incorporated


LM431L Product details

General Description
• The LM431 Series ICs are low voltage three-terminal programmable shunt regulators with guaranteed thermal stability over a full operation range. These monolithic ICs voltage reference operate as a low temperature coefficient Zener which is programmable from Vref to 18V with two external resistors. These devices exhibit a wide operating current range of 80µA to 50/100mA with a typical dynamic impedance of 0.05 to 0.22Ω. The characteristics of these references make them excellent replacements for Zener diodes in many applications such as digital voltmeters, power supplies and op amp circuitry
• The LM431L precision reference is offered in three voltage tolerance for VREF=1.240V: 1.5%, 1.0% and 0.5%.
• These ICs are available in 4 packages: TO-92, SOT-23, SOT-23-5 and SOT-89.


Features
• Programmable Precise Output Voltage from 1.24V to 16/18V
• High Stability under Capacitive Load
• Low Temperature Deviation
• Low Dynamic Output Impedance: 0.05 to 0.22Ω Typical
• Operating Current from 80µA to 50/100mA.
• Low Output Noise Voltage
• RoHS Compliance

Applications
• Graphic Card
• PC Motherboard
• Voltage Adapter
• Switching Power Supply
• Charger




Similar Part No. - LM431L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
LM431LA ETC2-LM431LA Datasheet
754Kb / 13P
Shunt Regulator
LM431LAK-XX-AR ETC2-LM431LAK-XX-AR Datasheet
754Kb / 13P
Shunt Regulator
LM431LAK-XX-BL ETC2-LM431LAK-XX-BL Datasheet
754Kb / 13P
Shunt Regulator
LM431LAK-XX-TR30 ETC2-LM431LAK-XX-TR30 Datasheet
754Kb / 13P
Shunt Regulator
More results


Similar Description - LM431L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
Shunt Regulator
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com