Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5225B Datasheet (PDF) - TAITRON Components Incorporated

MMSZ5225B Datasheet PDF - TAITRON Components Incorporated
Part # MMSZ5225B
Download  MMSZ5225B Download
File Size   203.27 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Two Terminals SMD Zener Diodes

MMSZ5225B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5225B Datasheet PDF - TAITRON Components Incorporated

Part # MMSZ5225B
Download  MMSZ5225B Click to download

File Size   203.27 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Two Terminals SMD Zener Diodes

MMSZ5225B Datasheet (HTML) - TAITRON Components Incorporated


MMSZ5225B Product details

Features

• Silicon Planar Zener Construction

• 500mW Power Dissipation

• Zener Voltage 3.0v to 75v

• Standard Zener Voltage Tolerance is ±5% with a “B” suffix

• Ideal Suited for Automated Assembly Processes

• RoHS Compliance



 




Similar Part No. - MMSZ5225B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5225B PANJIT-MMSZ5225B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5225B DIODES-MMSZ5225B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5225B MCC-MMSZ5225B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5225B DIOTEC-MMSZ5225B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5225B WEITRON-MMSZ5225B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
More results


Similar Description - MMSZ5225B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
TAITRON Components Inco...
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
200mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
500mW Two Terminals SMD Zener Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com