Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB152G Datasheet (PDF) - TAITRON Components Incorporated

RB152G Datasheet PDF - TAITRON Components Incorporated
Part # RB152G
Download  RB152G Download
File Size   230.75 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.5A Glass Passivated Bridge Rectifier

RB152G Datasheet (PDF)

Go To PDF Page Download Datasheet
RB152G Datasheet PDF - TAITRON Components Incorporated

Part # RB152G
Download  RB152G Click to download

File Size   230.75 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.5A Glass Passivated Bridge Rectifier

RB152G Datasheet (HTML) - TAITRON Components Incorporated


RB152G Product details

Features
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.1µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
   0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• RoHS compliant




Similar Part No. - RB152G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RB152G JGD-RB152G Datasheet
131Kb / 2P
MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RB152G BILIN-RB152G Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Formosa MS
RB152G FORMOSA-RB152G Datasheet
68Kb / 6P
Bridge Rectifier
More results


Similar Description - RB152G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF150 WTE-DF150 Datasheet
45Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP005M WTE-KBP005M Datasheet
35Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
KBP150G WTE-KBP150G Datasheet
35Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
logo
TAITRON Components Inco...
W005G TAITRON-W005G Datasheet
204Kb / 5P
1.5A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_2 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com