Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC5-AS Datasheet (PDF) - Fox Electronics

FPC5-AS Datasheet PDF - Fox Electronics
Part # FPC5-AS
Download  FPC5-AS Download
File Size   154.64 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 50.8mm x 50.8mm Precision OCXO

FPC5-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FPC5-AS Datasheet PDF - Fox Electronics

Part # FPC5-AS
Download  FPC5-AS Click to download

File Size   154.64 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 50.8mm x 50.8mm Precision OCXO

FPC5-AS Datasheet (HTML) - Fox Electronics




Similar Part No. - FPC5-AS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPC5-AH FOX-FPC5-AH Datasheet
154Kb / 1P
50.8mm x 50.8mm Precision OCXO
More results


Similar Description - FPC5-AS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTE5-AS FOX-FTE5-AS Datasheet
173Kb / 1P
EURO Package Precision OCXO
FTE5-AH FOX-FTE5-AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
FPC5-AH FOX-FPC5-AH Datasheet
154Kb / 1P
50.8mm x 50.8mm Precision OCXO
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
DRR-129 50.8mm Close-Differential Reed Switch
DRS-50 LITTELFUSE-DRS-50 Datasheet
379Kb / 2P
50.8mm High Power Reed Switch
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
OX-G TRANSKO-OX-G Datasheet
744Kb / 1P
OCXO - 14.3 X 9.3 X 6.5mm PACKAGE
Ver. 1: Mar. 2015
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com