Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOX801LF Datasheet (PDF) - Fox Electronics

FOX801LF Datasheet PDF - Fox Electronics
Part # FOX801LF
Download  FOX801LF Download
File Size   150.45 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.0V / 5.0V, Clipped Sine, TCXO

FOX801LF Datasheet (PDF)

Go To PDF Page Download Datasheet
FOX801LF Datasheet PDF - Fox Electronics

Part # FOX801LF
Download  FOX801LF Click to download

File Size   150.45 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.0V / 5.0V, Clipped Sine, TCXO

FOX801LF Datasheet (HTML) - Fox Electronics




Similar Part No. - FOX801LF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX801 FOX-FOX801 Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
FOX801A FOX-FOX801A Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
FOX801AE FOX-FOX801AE Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
FOX801AH FOX-FOX801AH Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
FOX801B FOX-FOX801B Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
More results


Similar Description - FOX801LF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSXO-81 GOLLEDGE-GSXO-81 Datasheet
48Kb / 1P
2.7V ~ 5.0V SM TCXO CLIPPED SINE
logo
Fox Electronics
FOX801 FOX-FOX801 Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
logo
Golledge Electronics Lt...
GTXO-83 GOLLEDGE-GTXO-83_08 Datasheet
82Kb / 2P
2.4V ~ 5.5V SM TCXO Clipped Sine
logo
Vanlong Technology Co.,...
TO506 VANLONG-TO506 Datasheet
37Kb / 1P
Clipped-Sine/CMOS Leaded TCXO
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Golledge Electronics Lt...
GTXO-83 GOLLEDGE-GTXO-83_15 Datasheet
177Kb / 2P
2.4V - 5.5V SM TCXO Clipped Sine
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
1.8V - 3.3V SM TCXO Clipped Sine
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com