Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4716 Datasheet (PDF) - Fox Electronics

F4716 Datasheet PDF - Fox Electronics
Part # F4716
Download  F4716 Download
File Size   207.98 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 7x5mm 2.5V Oscillator

F4716 Datasheet (PDF)

Go To PDF Page Download Datasheet
F4716 Datasheet PDF - Fox Electronics

Part # F4716
Download  F4716 Click to download

File Size   207.98 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 7x5mm 2.5V Oscillator

F4716 Datasheet (HTML) - Fox Electronics




Similar Part No. - F4716

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F471K25S3NN63J0R VISHAY-F471K25S3NN63J0R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J5R VISHAY-F471K25S3NN63J5R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J6R VISHAY-F471K25S3NN63J6R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63J7R VISHAY-F471K25S3NN63J7R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F471K25S3NN63K0R VISHAY-F471K25S3NN63K0R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
More results


Similar Description - F4716

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4700 FOX-F4700 Datasheet
78Kb / 1P
LVDS 7x5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQVP-LC72 EUROQUARTZ-EQVP-LC72 Datasheet
166Kb / 1P
LVDS 7x5mm 2.5V VCXO
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
HCMOS 7x5mm 2.5V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
logo
Golledge Electronics Lt...
GXO-L72 GOLLEDGE-GXO-L72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LVDS Oscillator
GXO-U109J GOLLEDGE-GXO-U109J Datasheet
565Kb / 4P
2.5V 7x5mm Oscillator with Power Saving
logo
Fox Electronics
O7LS FOX-O7LS Datasheet
229Kb / 3P
7x5mm LVDS Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com