Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F240 Datasheet (PDF) - Fox Electronics

F240 Datasheet PDF - Fox Electronics
Part # F240
Download  F240 Download
File Size   185.83 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 2.5V Oscillator

F240 Datasheet (PDF)

Go To PDF Page Download Datasheet
F240 Datasheet PDF - Fox Electronics

Part # F240
Download  F240 Click to download

File Size   185.83 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 2.5V Oscillator

F240 Datasheet (HTML) - Fox Electronics


F240 Product details

FEATURES
• 2.5V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)




Similar Part No. - F240

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2403D-1WR2 MORNSUN-F2403D-1WR2 Datasheet
256Kb / 5P
DC/DC Converter
F2403N-1WR3 MORNSUN-F2403N-1WR3 Datasheet
1Mb / 5P
DC/DC Converter
2022.01.14-A/2
F2403S-1WR MORNSUN-F2403S-1WR Datasheet
314Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F2403S-1WR2 MORNSUN-F2403S-1WR2 Datasheet
603Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F2403S-1WR3 MORNSUN-F2403S-1WR3 Datasheet
2Mb / 6P
1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output
2022.08.08
More results


Similar Description - F240

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 2.5V OSCILLATOR
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
HCMOS 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com