Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA505 Datasheet (PDF) - STMicroelectronics

STA505 Datasheet PDF - STMicroelectronics
Part # STA505
Download  STA505 Download
File Size   180.52 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40V 3.5A QUAD POWER HALF BRIDGE

STA505 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA505 Datasheet PDF - STMicroelectronics

Part # STA505
Download  STA505 Click to download

File Size   180.52 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40V 3.5A QUAD POWER HALF BRIDGE

STA505 Datasheet (HTML) - STMicroelectronics


STA505 Product details

DESCRIPTION
STA505 is a monolithic quad half bridge stage in Multipower BCD Technology.
   
FEATURES
■ MULTIPOWER BCD TECHNOLOGY
■ MINIMUM INPUT OUTPUT PULSE WIDTH
    DISTORTION
■ 200mΩ RdsON COMPLEMENTARY DMOS
    OUTPUT STAGE
■ CMOS COMPATIBLE LOGIC INPUTS
■ THERMAL PROTECTION
■ THERMAL WARNING OUTPUT
■ UNDER VOLTAGE PROTECTION
   




Similar Part No. - STA505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA50513TR STMICROELECTRONICS-STA50513TR Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Sanken electric
STA505A SANKEN-STA505A Datasheet
11Kb / 1P
N-channel General purpose
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
More results


Similar Description - STA505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
40V 3.5A DOUBLE POWER HALF BRIDGE
Dec-2003
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
40V 3.5A quad power half bridge
18-May-2006
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
30V 3.5A QUAD POWER HALF BRIDGE
Jan-2006
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com