Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3MB Datasheet (PDF) - GOOD-ARK Electronics

ES3MB Datasheet PDF - GOOD-ARK Electronics
Part # ES3MB
Download  ES3MB Download
File Size   153.05 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes

ES3MB Datasheet (PDF)

Go To PDF Page Download Datasheet
ES3MB Datasheet PDF - GOOD-ARK Electronics

Part # ES3MB
Download  ES3MB Click to download

File Size   153.05 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes

ES3MB Datasheet (HTML) - GOOD-ARK Electronics


ES3MB Product details

Reverse Voltage 50 to 1000 Volts Forward Current 3.0 A



Features

♦ Glass passivated chip

♦ Super fast switching for high efficiency

♦ For surface mounted applications

♦ Low forward voltage drop and high current capability

♦ Low reverse leakage current

♦ Plastic material has UL flammability classification 94V-0



 




Similar Part No. - ES3MB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
3.0AMP Glass Passivated Super Fast Rectifiers
More results


Similar Description - ES3MB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA Datasheet
149Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
ES3A GOOD-ARK-ES3A Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
SF601 GOOD-ARK-SF601_15 Datasheet
191Kb / 2P
Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
SF301 GOOD-ARK-SF301_15 Datasheet
185Kb / 2P
Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
SF201 GOOD-ARK-SF201_15 Datasheet
194Kb / 2P
Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
SF31 GOOD-ARK-SF31_15 Datasheet
195Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
GR3AB GOOD-ARK-GR3AB_15 Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
GR3A GOOD-ARK-GR3A_15 Datasheet
178Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
ES3A FS-ES3A Datasheet
218Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
ES5A FS-ES5A Datasheet
114Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com