Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX440 Datasheet (PDF) - List of Unclassifed Manufacturers

MX440 Datasheet PDF - List of Unclassifed Manufacturers
Part # MX440
Download  MX440 Download
File Size   118.01 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description PRECISION HIGH VOLTAGE RESISTORS

MX440 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX440 Datasheet PDF - List of Unclassifed Manufacturers

Part # MX440
Download  MX440 Click to download

File Size   118.01 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description PRECISION HIGH VOLTAGE RESISTORS

MX440 Datasheet (HTML) - List of Unclassifed Manufacturers


MX440 Product details

[CADDOCK ELECTRONICS, INC.]

Cost Effective High Voltage Resistors for Industrial and General Purpose Applications

The Type MX Precision High Voltage Resistors were specifically developed for use in industrial and general purpose high voltage systems. These resistors combine the proven performance of Caddocks Micronox® resistance system with new cost efficient design elements. These resistors are intended for the design of high voltage systems where the system is not exposed to full military or space grade operating conditions. For full military or space grade operating conditions, we recommend Caddocks Type TG Low TC Precision High Voltage Resistors or Type MG Precision High Voltage Resistors.

The performance features of the Type MX Precision High Voltage Resistors are:
• Seven Models with Voltage Ratings from 7.5 KV to 48 KV.
• Temperature Coefficient: 80 ppm/°C from 0°C to +70°C.
• Load Life Stability of 0.50% per 1,000 hours.
• Resistance Tolerance from ±0.1% to ±10%.
• Non-Inductive Design.
• Resistance Range from 1 Megohm to 2,000 Megohms.




Similar Part No. - MX440

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MX440 CADDOCK-MX440 Datasheet
393Kb / 1P
Type MX Precision High Voltage Resistors
MX440 CADDOCK-MX440 Datasheet
368Kb / 1P
Type MX Precision High Voltage Resistors
logo
Japan Aviation Electron...
MX44000XP1 JAE-MX44000XP1 Datasheet
159Kb / 6P
Compact Waterproof Automotive Connectors with Low Pin Counts
MX44000XP1 JAE-MX44000XP1 Datasheet
77Kb / 2P
Compact waterproof automotive connector with low pin counts, Wire seal
MX44000XP2 JAE-MX44000XP2 Datasheet
159Kb / 6P
Compact Waterproof Automotive Connectors with Low Pin Counts
More results


Similar Description - MX440

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
High Voltage Precision Thick Film Resistors
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
Low TC Precision High Voltage Resistors
MG650 ETC2-MG650 Datasheet
310Kb / 2P
Precision High Voltage Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
Precision high voltage resistors
logo
Caddock Electronics, In...
MG650 CADDOCK-MG650 Datasheet
324Kb / 2P
Type MG Precision High Voltage Resistors
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
Ultra-Precision High Voltage Film Resistors
logo
Caddock Electronics, In...
MX431 CADDOCK-MX431_17 Datasheet
368Kb / 1P
Type MX Precision High Voltage Resistors
MX500 CADDOCK-MX500 Datasheet
555Kb / 1P
MX500 Series Precision High Voltage Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com