Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF207 Datasheet (PDF) - TAITRON Components Incorporated

TF207 Datasheet PDF - TAITRON Components Incorporated
Part # TF207
Download  TF207 Download
File Size   127.99 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2.0A Fast Recovery Rectifier

TF207 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF207 Datasheet PDF - TAITRON Components Incorporated

Part # TF207
Download  TF207 Click to download

File Size   127.99 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2.0A Fast Recovery Rectifier

TF207 Datasheet (HTML) - TAITRON Components Incorporated


TF207 Product details

Features
• Low forward voltage drop at 2A
• High current capability
• High reliability
• High forward surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance




Similar Part No. - TF207

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF207G TAITRON-TF207G Datasheet
126Kb / 4P
2.0A Glass Passivated Fast Recovery Rectifier
logo
Shenzhen Tuofeng Semico...
TF207N TUOFENG-TF207N Datasheet
2Mb / 5P
N-Channel 20-V(D-S)
Sep 2019 V1.0
TF207P TUOFENG-TF207P Datasheet
3Mb / 6P
P-Channel -20V(D-S) MOSFET
Dec 2020 V1.1
More results


Similar Description - TF207

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
SFR201 WTE-SFR201 Datasheet
46Kb / 3P
2.0A SOFT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
SF21 DIODES-SF21 Datasheet
53Kb / 2P
2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
PR2001 DIODES-PR2001_1 Datasheet
368Kb / 3P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
2.0A Ultra Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
XBF20A40S-G TOREX-XBF20A40S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
XBF20A60S-G TOREX-XBF20A60S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com