Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102 Datasheet (PDF) - Riedon Powertron

102 Datasheet PDF - Riedon Powertron
Part # 102
Download  102 Download
File Size   359.37 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Precision Wirewound Resistors

102 Datasheet (PDF)

Go To PDF Page Download Datasheet
102 Datasheet PDF - Riedon Powertron

Part # 102
Download  102 Click to download

File Size   359.37 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Precision Wirewound Resistors

102 Datasheet (HTML) - Riedon Powertron


102 Product details

100 Series / SM Series / PC Series

• Resistances to 6 Megohms
• Resistance Tolerances to ±0.005%
• Temperature Coeffcients of ±2 ppm/°C
• High TCR Available (Balco & Platinum Wire)
• 100% Acceptance Tested / Traceable to NIST
• Long Term Stability / 100ppm/year
• Matched Resistance Sets to ±0.001% and ±0.5 ppm/°C




Similar Part No. - 102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
102 STMICROELECTRONICS-102 Datasheet
99Kb / 9P
0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
25-Feb-2002
102 STMICROELECTRONICS-102 Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
Productwell Precision E...
102 PRODUCTWELL-102 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
DB Lectro Inc
102 DBLECTRO-102 Datasheet
20Kb / 1P
Details complets sur le site du fabricant:
logo
Riedon Powertron
102 RIEDON-102 Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Similar Description - 102

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
ULTRA PRECISION WIREWOUND RESISTORS
logo
Token Electronics Indus...
BWW1W100RBCP TOKEN-BWW1W100RBCP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
PAC VISHAY-PAC Datasheet
123Kb / 8P
Cemented Wirewound Precision Resistors
06-Nov-14
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com