Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFX250 Datasheet (PDF) - Fox Electronics

RFX250 Datasheet PDF - Fox Electronics
Part # RFX250
Download  RFX250 Download
File Size   81.79 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5V LVE-PECL XO

RFX250 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFX250 Datasheet PDF - Fox Electronics

Part # RFX250
Download  RFX250 Click to download

File Size   81.79 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5V LVE-PECL XO

RFX250 Datasheet (HTML) - Fox Electronics




Similar Part No. - RFX250

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RFX200V101MTA16X25 MERITEK-RFX200V101MTA16X25 Datasheet
334Kb / 2P
Aluminum Electrolytic Capacitors
RFX200V101MTR16X25 MERITEK-RFX200V101MTR16X25 Datasheet
334Kb / 2P
Aluminum Electrolytic Capacitors
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
2.4GHz High Power 802.11n WLAN Linear Power Amplifier
RFX2401C SKYWORKS-RFX2401C Datasheet
1Mb / 10P
CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
More results


Similar Description - RFX250

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
PECL/LVPECL UHF XO
logo
Fox Electronics
RFV250 FOX-RFV250 Datasheet
263Kb / 1P
2.5V LVE-PECL VCXO
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
3.3V LV-PECL XO
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
PECL/LVPECL HF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
PECL/LVPECL UHF XO
logo
Pericom Semiconductor C...
JX321 PERICOM-JX321 Datasheet
588Kb / 2P
2.5V/3.3V CMOS XO
NX323 PERICOM-NX323 Datasheet
645Kb / 2P
2.5V/3.3V LVDS XO
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
2.5V/3.3V LVPECL XO
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com