Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCP65AXT Datasheet (PDF) - Fox Electronics

VCP65AXT Datasheet PDF - Fox Electronics
Part # VCP65AXT
Download  VCP65AXT Download
File Size   142.83 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V SMD LV-PECL OSCILLATOR

VCP65AXT Datasheet (PDF)

Go To PDF Page Download Datasheet
VCP65AXT Datasheet PDF - Fox Electronics

Part # VCP65AXT
Download  VCP65AXT Click to download

File Size   142.83 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V SMD LV-PECL OSCILLATOR

VCP65AXT Datasheet (HTML) - Fox Electronics


VCP65AXT Product details

FEATURES
• 3.3V Operation
• LV-PECL
• Enable/Disable
• Tape and Reel (2,000 pcs. STD)




Similar Part No. - VCP65AXT

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VCP-HH5-01 PF-VCP-HH5-01 Datasheet
148Kb / 1P
AS-Interface 5 addressing unit
logo
XP Power Limited
VCP05US033 XPPOWER-VCP05US033 Datasheet
62Kb / 2P
Energy Star, CEC & EISA Compliant
VCP05US05 XPPOWER-VCP05US05 Datasheet
62Kb / 2P
Energy Star, CEC & EISA Compliant
VCP05US05 XPPOWER-VCP05US05 Datasheet
368Kb / 2P
Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
VCP05US05 XPPOWER-VCP05US05_13 Datasheet
368Kb / 2P
Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
More results


Similar Description - VCP65AXT

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOE71 GOLLEDGE-GXOE71 Datasheet
61Kb / 1P
3.3V Complementray LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
3.3V, SMD, LV-PECL Oscillator
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
F4600U FOX-F4600U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com