Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6282 Datasheet (PDF) - Allegro MicroSystems

A6282 Datasheet PDF - Allegro MicroSystems
Part # A6282
Download  A6282 Download
File Size   440.73 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 16-Channel Constant-Current LED Driver

A6282 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6282 Datasheet PDF - Allegro MicroSystems

Part # A6282
Download  A6282 Click to download

File Size   440.73 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 16-Channel Constant-Current LED Driver

A6282 Datasheet (HTML) - Allegro MicroSystems


A6282 Product details

Features and Benefits
▪ 16 constant-current outputs, up to 50 mA each
▪ LED output voltage up to 12 V
▪ 3.0 to 5.5 V logic supply range
▪ Schmitt trigger inputs for improved noise immunity
▪ Power-On Reset (POR), all register bits = 0
▪ Low-power CMOS logic and latches
▪ High data input rate: 30 MHz
▪ Output current accuracy: between channels < ±3% and
between ICs ±7%, over the full operating temperature
range
▪ Internal UVLO and thermal shutdown (TSD) circuitry




Similar Part No. - A6282

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
16-Channel Constant-Current LED Driver
More results


Similar Description - A6282

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
16-Channel Constant Current LED Driver
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
16-Channel Constant-Current LED Driver
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
16 Channel Constant Current LED Driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com