Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V54C316162VC Datasheet (PDF) - Mosel Vitelic, Corp

V54C316162VC Datasheet PDF - Mosel Vitelic, Corp
Part # V54C316162VC
Download  V54C316162VC Download
File Size   339.8 Kbytes
Page   22 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16

V54C316162VC Datasheet (PDF)

Go To PDF Page Download Datasheet
V54C316162VC Datasheet PDF - Mosel Vitelic, Corp

Part # V54C316162VC
Download  V54C316162VC Click to download

File Size   339.8 Kbytes
Page   22 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16

V54C316162VC Datasheet (HTML) - Mosel Vitelic, Corp


V54C316162VC Product details

Description
The V54C316162VC is a 16,777,216 bits synchronous high data rate DRAM organized as 2 x 524,288 words by 16 bits. The device is designed to comply with JEDEC standards set for synchronous DRAM products, both electrically and mechanically. Synchronous design allows precise cycle control with the system clock. The CAS latency, burst length and burst sequence must be programmed into device prior to access operation.

Features
■ JEDEC Standard 3.3V Power Supply
■ The V54C316162VC is ideally suited for high performance graphics peripheral applications
■ Single Pulsed RAS Interface
■ Programmable CAS Latency: 2, 3
■ All Inputs are sampled at the positive going edge of clock
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length: 1, 2, 4, 8 and Full Page for Sequential and 1, 2, 4, 8 for Interleave
■ UDQM & LDQM for byte masking
■ Auto & Self Refresh
■ 2K Refresh Cycles/32 ms
■ Burst Read with Single Write Operation




Similar Part No. - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-5 MOSEL-V54C316162V-5 Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-55 MOSEL-V54C316162V-55 Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-6 MOSEL-V54C316162V-6 Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-7 MOSEL-V54C316162V-7 Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results


Similar Description - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
logo
Winbond
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
1M x 4 BANKS x 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
1M X 4 BANKS X 16 BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com