Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB8NC50 Datasheet (PDF) - STMicroelectronics

STB8NC50 Datasheet PDF - STMicroelectronics
Part # STB8NC50
Download  STB8NC50 Download
File Size   441.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET

STB8NC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB8NC50 Datasheet PDF - STMicroelectronics

Part # STB8NC50
Download  STB8NC50 Click to download

File Size   441.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET

STB8NC50 Datasheet (HTML) - STMicroelectronics


STB8NC50 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 0.7Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVES




Similar Part No. - STB8NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STB8NC50-1 STMICROELECTRONICS-STB8NC50-1 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
More results


Similar Description - STB8NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh™Power MOSFET
Aug-2002
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com