Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW33IH120D Datasheet (PDF) - STMicroelectronics

GW33IH120D Datasheet PDF - STMicroelectronics
Part # GW33IH120D
Download  GW33IH120D Download
File Size   530.62 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A - 1200 V - very fast IGBT

GW33IH120D Datasheet (PDF)

Go To PDF Page Download Datasheet
GW33IH120D Datasheet PDF - STMicroelectronics

Part # GW33IH120D
Download  GW33IH120D Click to download

File Size   530.62 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A - 1200 V - very fast IGBT

GW33IH120D Datasheet (HTML) - STMicroelectronics




Similar Part No. - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW30N120KD STMICROELECTRONICS-GW30N120KD Datasheet
359Kb / 13P
30 A - 1200 V - short circuit rugged IGBT
18-Jun-2008
logo
Shenzhen Luguang Electr...
GW30N135F1 LUGUANG-GW30N135F1 Datasheet
1Mb / 8P
1350V /30A Trench Field Stop IGBT
Revision:20201218-P1
logo
STMicroelectronics
GW30N90D STMICROELECTRONICS-GW30N90D Datasheet
159Kb / 10P
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
19-Jul-2006
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
109Kb / 9P
N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
14-Nov-2005
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
295Kb / 13P
N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
26-Jan-2007
More results


Similar Description - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
35 A - 1200 V - very fast IGBT
25-Jan-2008
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
30 A - 1200 V - very fast IGBT
14-May-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
33 A - 1300 V - very fast IGBT
04-Sep-2012
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
7 A, 1200 V very fast IGBT with ultrafast diode
25-Jan-2011
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
30 A - 600 V - very fast IGBT
18-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com