Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

381L Datasheet (PDF) - Cornell Dubilier Electronics

381L Datasheet PDF - Cornell Dubilier Electronics
Part # 381L
Download  381L Download
File Size   409.44 Kbytes
Page   10 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High-Ripple Snap-In

381L Datasheet (PDF)

Go To PDF Page Download Datasheet
381L Datasheet PDF - Cornell Dubilier Electronics

Part # 381L
Download  381L Click to download

File Size   409.44 Kbytes
Page   10 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High-Ripple Snap-In

381L Datasheet (HTML) - Cornell Dubilier Electronics


381L Product details

Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
2-pin Types: 381L and 381LX. 4-pin or 5-pin Types: 383L and 383LX

Adding longer-life and more ripple capability to the excellent value of Type 380L/LX capacitors, the 381L/LX readily handles tough switching power supply input and output circuits and motor-drive bus capacitor applications where the high surface area of multiple units in parallel equals the ripple capability of our Type 520C inverter-grade capacitor. Type 381LX delivers more capacitance per can size while Type 381L gives lower ESR for the same capacitance rating. Type 383L gives the choice of 4 or 5 leads for stable, reverseproof mounting. Type 383LX has 5 leads available.

Highlights
• Top performance in power supplies and motor drives
• 4 times the life of Type 380L/LX
• 2, 4 and 5 leads available
• Big selection of 42 case sizes




Similar Part No. - 381L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381L100M200N082V ETC2-381L100M200N082V Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
381L101M200N082V ETC2-381L101M200N082V Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
381L103M080A072 ETC2-381L103M080A072 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
381L104M010A072 ETC2-381L104M010A072 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
381L123M063A062 ETC2-381L123M063A062 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
More results


Similar Description - 381L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
105 C Compact, High-Ripple Snap-in
logo
Jianghai Europe GmbH
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD299PG JIANGHAI-CD299PG Datasheet
869Kb / 4P
EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
105 째C Ultra-High-Ripple Snap-in
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
Vishay Siliconix
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
Aluminum Capacitors Power High Ripple Current Snap-In
08-Aug-08
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
Aluminum Capacitors, Power High Ripple Current Snap-In
15-Oct-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com