Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7152 Datasheet (PDF) - Analog Devices

AD7152 Datasheet PDF - Analog Devices
Part # AD7152
Download  AD7152 Download
File Size   481.78 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Capacitance-to-Digital Converter

AD7152 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7152 Datasheet PDF - Analog Devices

Part # AD7152
Download  AD7152 Click to download

File Size   481.78 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Capacitance-to-Digital Converter

AD7152 Datasheet (HTML) - Analog Devices


AD7152 Product details

GENERAL DESCRIPTION
The AD7152/AD7153 are 12-bit sigma-delta (Σ-Δ) capacitance-to-digital converters (CDCs). The capacitance to be measured is connected directly to the device inputs. The architecture features inherent high resolution (12-bit no missing codes, up to 12-bit effective resolution) and high linearity (±0.05%). The AD7152/AD7153 have four capacitance input ranges per operation mode, ±0.25 pF to ±2 pF in differential mode and 0.5 pF to 4 pF in single-ended mode.

FEATURES
   Capacitance-to-digital converters
      Interfaces to floating sensors
      Resolution down to 0.25 fF (that is, up to 12 ENOB)
      Linearity: 0.05%
      Common-mode (not changing) capacitance up to 5 pF
      Four capacitance ranges selectable per operation mode
         ±0.25 pF to ±2 pF in differential mode
         0.5 pF to 4 pF in single-ended mode
      Tolerant of parasitic capacitance to ground up to 50 pF
      Conversion time per channel: 5 ms, 20 ms, 50 ms, and 60 ms
   Internal clock oscillator
   2-wire serial interface (I2C-compatible)
   Power
      2.7 V to 3.6 V single-supply operation
      100 μA current consumption
   Operating temperature: −40°C to +85°C
   10-lead MSOP
  
APPLICATIONS
   Automotive, industrial, and medical systems for
      Pressure measurement
      Position sensing
      Level sensing
      Flowmeters
      Humidity sensing




Similar Part No. - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152BRMZ AD-AD7152BRMZ Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152BRMZ-REEL AD-AD7152BRMZ-REEL Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
More results


Similar Description - AD7152

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com