Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1186 Datasheet (PDF) - Analog Devices

ADM1186 Datasheet PDF - Analog Devices
Part # ADM1186
Download  ADM1186 Download
File Size   444.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing

ADM1186 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1186 Datasheet PDF - Analog Devices

Part # ADM1186
Download  ADM1186 Click to download

File Size   444.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing

ADM1186 Datasheet (HTML) - Analog Devices


ADM1186 Product details

GENERAL DESCRIPTION
The ADM1186-1 and ADM1186-2 are integrated, four-channel voltage monitoring and sequencing devices. A 2.7 V to 5.5 V power supply is required on the VCC pin for power.
Four precision comparators, VIN1 to VIN4, monitor four voltage rails. All four comparators share a 0.6 V reference and have a worst-case accuracy of 0.8%. Resistor networks that are external to the VIN1, VIN2, VIN3, and VIN4 pins set the undervoltage (UV) trip points for the monitored supply rails.

FEATURES
   Powered from 2.7 V to 5.5 V on the VCC pin
   Monitors four supplies via 0.8% accurate comparators
   Digital core supports up and down supply sequencing
   Multiple devices can be cascaded (ADM1186-1)
   Four inputs can be programmed to monitor different voltage
      levels with resistor dividers
   Capacitor programmable supply sequence time delays
      and a timeout delay to 5% accuracy at 25°C
   Four open-drain enable outputs
   Open-drain power-good output
   Open-drain sequence complete pin and bidirectional
   open-drain fault pin (ADM1186-1 only)

APPLICATIONS
   Monitor and alarm functions
   Up and down power supply sequencing
   Telecommunication and data communication equipment
   PCs, servers, and notebook PCs




Similar Part No. - ADM1186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results


Similar Description - ADM1186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Analog Devices
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
Super Sequencer and Monitor
Rev. D
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
Super Sequencer and Monitor
REV. C
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com