Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2873 Datasheet (PDF) - Analog Devices

ADN2873 Datasheet PDF - Analog Devices
Part # ADN2873
Download  ADN2873 Download
File Size   625.9 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver

ADN2873 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2873 Datasheet PDF - Analog Devices

Part # ADN2873
Download  ADN2873 Click to download

File Size   625.9 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver

ADN2873 Datasheet (HTML) - Analog Devices


ADN2873 Product details

GENERAL DESCRIPTION
Like the ADN2870, the ADN2873 laser diode driver (LDD) is designed for advanced SFP and SFF modules, using SFF-8472 digital diagnostics. The ADN2873 supports NRZ data transmission operation from 50 Mbps up to 4.25 Gbps. With a new alarm scheme, this device avoids the shutdown issue caused by the system transient generated from various lasers.

FEATURES
   SFP/SFF and SFF-8472 MSA compliant
   SFP reference design available
   50 Mbps to 4.25 Gbps operation
   Automatic average power control
   Typical 60 ps output rise/fall time
   VCSEL, DFB, and FP laser support
   Bias current range: from 2 mA to 100 mA
   Modulation current range: from 5 mA to 90 mA
   Laser fail alarm and automatic laser shutdown (ALS)
   Bias and modulation current monitoring
   Voltage setpoint control
   Resistor setpoint control
   3.3 V supply
   24-lead 4 mm × 4 mm LFCSP
   Pin compatible with ADN2870

APPLICATIONS
   1×/2×/4× Fibre Channel SFP/SFF modules
   Multirate OC3 to OC48-FEC SFP/SFF modules
   LX-4 modules
   DWDM/CWDM laser transmitters
   HDTV (SMPTE family) laser transmitters




Similar Part No. - ADN2873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results


Similar Description - ADN2873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV.0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV.0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
6/05-Revision 0
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com