Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4600 Datasheet (PDF) - Analog Devices

ADN4600 Datasheet PDF - Analog Devices
Part # ADN4600
Download  ADN4600 Download
File Size   1335.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch

ADN4600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4600 Datasheet PDF - Analog Devices

Part # ADN4600
Download  ADN4600 Click to download

File Size   1335.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch

ADN4600 Datasheet (HTML) - Analog Devices


ADN4600 Product details

GENERAL DESCRIPTION
The ADN4600 is an asynchronous, nonblocking crosspoint switch with eight differential PECL-/CML-compatible inputs with programmable equalization and eight differential CML outputs with programmable output levels and pre-emphasis or de-emphasis. The operation of this device is optimized for NRZ data at rates up to 4.25 Gbps.

FEATURES
Full 8 × 8 crossbar connectivity
Fully buffered signal path supports multicast and broadcast operation
Optimized for dc to 4.25 Gbps data
Programmable receive equalization
Compensates for up to 30 in. of FR4 @ 4.25 Gbps
Programmable transmit pre-emphasis/de-emphasis
Compensates for up to 30 in. of FR4 @ 4.25 Gbps
Flexible 1.8 V to 3.3 V core supply
Per lane positive/negative (P/N) pair inversion for routing ease
Low power: 125 mW/channel at 4.25 Gbps
DC- or ac-coupled differential CML inputs
Programmable CML output levels
50 Ω on-chip termination
−40°C to +85°C temperature range operation
Supports 8b10b, scrambled or uncoded nonreturn-to-zero (NRZ) data
I2C control interface
Package: 64-lead LFCSP

APPLICATIONS
1×, 2×, 4× Fibre Channel XAUI
Gigabit Ethernet over backplane 10GBase-CX4
InfiniBand® 50 Ω cables




Similar Part No. - ADN4600

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
Rev. C
ADN4600-EVALZ AD-ADN4600-EVALZ Datasheet
1Mb / 28P
4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
Rev. C
ADN4600ACPZ AD-ADN4600ACPZ Datasheet
1Mb / 28P
4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
Rev. C
ADN4600ACPZ-R7 AD-ADN4600ACPZ-R7 Datasheet
1Mb / 28P
4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
Rev. C
ADN4600 AD-ADN4600_V01 Datasheet
1Mb / 28P
4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
Rev. C
More results


Similar Description - ADN4600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Vitesse Semiconductor C...
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com