Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH477 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH477 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH477
Download  AH477 Download
File Size   54.08 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description SINGLE PHASE HALL EFFECT LATCH

AH477 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH477 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH477
Download  AH477 Click to download

File Size   54.08 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description SINGLE PHASE HALL EFFECT LATCH

AH477 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH477 Product details

Description

The AH477 is an integrated Hall sensor with output driver designed for electronic commutation of brushless DC motor applications. The device includes an on-chip Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a comparator to provide switching hysteresis for noise rejection, a bi-directional drivers for sinking and driving large current load. It also includes an internal bandgap regulator to provide temperature compensated bias for internal circuits and allows a wide operating supply voltage range.



Features

· On-Chip Hall Sensor

· Operating Voltage: 4V to 20V

· H-Bridge Output Drivers for Single Coil

· Internal Bandgap Regulator for Temperature Compensation

· Low Output Switching Current Noise

· -20oC to 85oC Operating Temperature

· Low Profile TO-94 (SIP-4L) Package

· ESD Rating: 3000V (Human Body Model)



Applications

· Single-Coil Brushless DC Motor

· Single-Coil Brushless DC Fan




Similar Part No. - AH477

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
logo
BCD Semiconductor Manuf...
AH477AZ4-AG1 BCDSEMI-AH477AZ4-AG1 Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477AZ4-AG1 DIODES-AH477AZ4-AG1 Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
More results


Similar Description - AH477

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
AH374 DIODES-AH374 Datasheet
520Kb / 12P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com