Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3605 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3605 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3605
Download  AP3605 Download
File Size   164.91 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL

AP3605 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3605 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3605
Download  AP3605 Click to download

File Size   164.91 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL

AP3605 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3605 Product details

Description
The AP3605 is a step-up DC/DC converter based on 1.5x charge pump current source, it is specially designed for LED supplies in backlight display.
   
Features
• Regulated Output Current with ±3% Matching
• Regulated ±10% Output Current Source
• Drive up to 4 LEDs at 20 mA Each
• Wide Operating Voltage Range: 2.7V to 5.5V
• High Efficiency up to 93%
• High Operating Frequency: 1MHz
• Built-in Soft-Start to Limit the Inrush Current
• LED Brightness Control through PWM and Analog
    Signal
• Built-in Standby Mode to Make PWM Dimming
    Control Optimized
• Built-in OTSD (Over Temperature Shutdown)
    Function to Protect the Device from Burn Out
   
Applications
• Mobile Phone
• MP3, MP4
• White LED Backlight in Mobile Phone, PDA
   




Similar Part No. - AP3605

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3605FNTR-E1(Note1) BCDSEMI-AP3605FNTR-E1(Note1) Datasheet
702Kb / 13P
4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
More results


Similar Description - AP3605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230 TI-TPS60230 Datasheet
382Kb / 15P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
White LED Charge Pump Current Source with PWM Brightness Control
SGM3124 SGMICRO-SGM3124_16 Datasheet
2Mb / 15P
White LED Charge Pump Current Source with PWM Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com