Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V54C365804VC Datasheet (PDF) - Mosel Vitelic, Corp

V54C365804VC Datasheet PDF - Mosel Vitelic, Corp
Part # V54C365804VC
Download  V54C365804VC Download
File Size   453.15 Kbytes
Page   54 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8

V54C365804VC Datasheet (PDF)

Go To PDF Page Download Datasheet
V54C365804VC Datasheet PDF - Mosel Vitelic, Corp

Part # V54C365804VC
Download  V54C365804VC Click to download

File Size   453.15 Kbytes
Page   54 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8

V54C365804VC Datasheet (HTML) - Mosel Vitelic, Corp


V54C365804VC Product details

Description
The V54C365804VC is a four bank Synchronous DRAM organized as 4 banks x 2Mbit x 8. The V54C365804VC achieves high speed data transfer rates up to 143 MHz by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock
All of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock.

Features
■ 4 banks x 2Mbit x 8 organization
■ High speed data transfer rates up to 143 MHz
■ Full Synchronous Dynamic RAM, with all signals  referenced to clock rising edge
■ Single Pulsed RAS Interface
■ Data Mask for Read/Write Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 3
■ Programmable Wrap Sequence: Sequential  or Interleave
■ Programmable Burst Length:
   1, 2, 4, 8 and full page for Sequential Type
   1, 2, 4, 8 for Interleave Type
■ Multiple Burst Read with Single Write Operation
■ Automatic and Controlled Precharge Command
■ Random Column Address every CLK (1-N Rule)
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 54 Pin 400 mil TSOP-II
■ LVTTL Interface
■ Single +3.3 V ±0.3 V Power Supply




Similar Part No. - V54C365804VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
More results


Similar Description - V54C365804VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
logo
A-Data Technology
ADS8608A8A A-DATA-ADS8608A8A Datasheet
533Kb / 8P
Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
VDS8608A8A A-DATA-VDS8608A8A Datasheet
545Kb / 8P
Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Mosel Vitelic, Corp
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
logo
Hynix Semiconductor
HY57V121620 HYNIX-HY57V121620 Datasheet
160Kb / 12P
4 Banks x 8M x 16Bit Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
4 Banks x 8M x 8Bit Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com