Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD4NB40 Datasheet (PDF) - STMicroelectronics

STD4NB40 Datasheet PDF - STMicroelectronics
Part # STD4NB40
Download  STD4NB40 Download
File Size   449.66 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET

STD4NB40 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD4NB40 Datasheet PDF - STMicroelectronics

Part # STD4NB40
Download  STD4NB40 Click to download

File Size   449.66 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET

STD4NB40 Datasheet (HTML) - STMicroelectronics


STD4NB40 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprieraty edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 1.47 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ GATE CHARGE MINIMIZED
■ ADD SUFFIX “T4” FOR ORDERING IN TAPE & REEL

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-DC CONVERTERS FOR TELECOM,
   INDUSTRIAL, AND LIGHTING EQUIPMENT




Similar Part No. - STD4NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
More results


Similar Description - STD4NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh™ I MOSFET
Mar-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
Feb-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com