Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD8NS25 Datasheet (PDF) - STMicroelectronics

STD8NS25 Datasheet PDF - STMicroelectronics
Part # STD8NS25
Download  STD8NS25 Download
File Size   122.6 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET

STD8NS25 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD8NS25 Datasheet PDF - STMicroelectronics

Part # STD8NS25
Download  STD8NS25 Click to download

File Size   122.6 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET

STD8NS25 Datasheet (HTML) - STMicroelectronics


STD8NS25 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performance. The new patented STrip layout coupled with the Company’s proprietary edge termination structure, makes it suitable in coverters for lighting applications.

■ TYPICAL RDS(on) = 0.38 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-DC CONVERTERS FOR TELECOM, INDUSTRIAL, AND LIGHTING EQUIPMENT




Similar Part No. - STD8NS25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD8NS25 ISC-STD8NS25 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STD8NS25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY™ MOSFET
Feb-2003
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
STD3PS25 STMICROELECTRONICS-STD3PS25 Datasheet
445Kb / 10P
P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
Jun-2003
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
Feb-2003
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
Feb-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com