Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA6000 Datasheet (PDF) - Infineon Technologies AG

SDA6000 Datasheet PDF - Infineon Technologies AG
Part # SDA6000
Download  SDA6000 Download
File Size   2686.14 Kbytes
Page   380 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Teletext Decoder with Embedded 16-bit Controller

SDA6000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA6000 Datasheet PDF - Infineon Technologies AG

Part # SDA6000
Download  SDA6000 Click to download

File Size   2686.14 Kbytes
Page   380 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Teletext Decoder with Embedded 16-bit Controller

SDA6000 Datasheet (HTML) - Infineon Technologies AG


SDA6000 Product details

Overview

M2 is designed to provide absolute top performance for a wide spectrum of teletext and graphic applications in standard and high end TV-sets and VCRs. M2 contains a data caption unit, a display unit and a high performance Infineon C16x based microcontroller (so that M2 becomes a one chip TV-controller) an up to level 3.5 teletext decoder and display processor with enhanced graphic accelerator capabilities. It is not only optimized for teletext usage but also, due to its extremely efficient architecture, can be used as a universal graphic engine.



Features

General

• Level 1.5, 2.5, 3.5 WST Display Compatible

• Fast External Bus Interface for SDRAM (Up to 8 MByte) and ROM or Flash-ROM (Up to 4 MByte)

• Embedded General Purpose 16 Bit CPU (Also used as TV-System Controller, C16x Compatible)

• Display Generation Based on Pixel Memory

• Program Code also Executable From External SDRAM

• Embedded Refresh Controller for External SDRAM

• Enhanced Programmable Low Power Modes

• Single 6 MHz Crystal Oscillator

• Multinorm H/V-Display Synchronization in Master or Slave Mode

• Free Programmable Pixel Clock from 10 MHz to 50 MHz

• Pixel Clock Independent from CPU Clock

•3×6 Bits RGB-DACs On-Chip

• Supply Voltage 2.5 and 3.3 V

• P-MQFP-128 Package



Microcontroller Features

• 16-bit C166-CPU Kernel (C16x Compatible)

• 60 ns Instruction Cycle Time

• 2 KBytes Dual Ported IRAM

• 2 KBytes XRAM On-chip

• General Purpose Timer Units (GPT1 and GPT2).

• Asynchronous/Synchronous Serial Interface (ASC0) with IrDA Support. Full-duplex

  Asynchronous Up To 2 MBaud or Half-duplex Synchronous up to 4.1 MBaud.

• High-speed Synchronous Serial Interface (SSC). Full- and Half-duplex synchronous up to 16.5 Mbaud

• 3 Independent, HW-supported Multi Master/Slave I2C Channels at 400 Kbit/s

• 16-Bit Watchdog Timer (WDT)

• Real Time Clock (RTC)

• On Chip Debug Support (OCDS)

• 4-Channel 8-bit A/D Converter

• 42 Multiple Purpose Ports

• 8 External Interrupts

• 33 Interrupt Nodes



Display Features

• OSD size from 0 to 2046 (0 to 1023) pixels in horizontal (vertical) direction

• Frame Buffer Based Display

• 2 HW Display Layers

• Support of Double Page Level 2.5 TTX in 100 Hz Systems

• Support of Transparency for both Layers Pixel by Pixel

• User Programmable Pixel Frequency from 10.0 MHz to 50 MHz

• Up to 65536 Displayable Colors in one Frame

• DMA Functionality

• Graphic Accelerator Functions (Draw Lines, Draw and Fill Rectangle, etc.)

• 1, 2, 4 or 8-bit Bitmaps (up to 256 out of 4096 colors)

• 12 bit/16 bit RGB Mode for Display of up to 65535 Colors

• HW-support for Proportional Characters

• HW-support for Italic Characters

• User Definable Character Fonts

• Fast Blanking and Contrast Reduction Output



Acquisition Features

• Two Independent Data Slicers (One Multistandard Slicer + one WSS-only Slicer)

• Parallel Multi-norm Slicing (TTX, VPS, WSS, CC, G+)

• Four Different Framing Codes Available

• Data Caption only Limited by available Memory

• Programmable VBI-buffer

• Full Channel Data Slicing Supported

• Fully Digital Signal Processing

• Noise Measurement and Controlled Noise Compensation

• Attenuation Measurement and Compensation

• Group Delay Measurement and Compensation

• Exact Decoding of Echo Disturbed Signals




Similar Part No. - SDA6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA601 ETC1-SDA601 Datasheet
155Kb / 2P
TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
More results


Similar Description - SDA6000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
SAA5360 PHILIPS-SAA5360 Datasheet
158Kb / 28P
Multi page intelligent teletext decoder
2005 Mar 09
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
COMPUTER-CONTROLLED TELETEXT DECODER
September 1993
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com