Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF55 Datasheet (PDF) - Riedon Powertron

MF55 Datasheet PDF - Riedon Powertron
Part # MF55
Download  MF55 Download
File Size   237.98 Kbytes
Page   1 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Film Resistors

MF55 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF55 Datasheet PDF - Riedon Powertron

Part # MF55
Download  MF55 Click to download

File Size   237.98 Kbytes
Page   1 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Film Resistors

MF55 Datasheet (HTML) - Riedon Powertron


MF55 Product details

Film Resistors



Resistances from 0.1Ohm to 22MOhms

Power Rating to 3Watts

Resistance Tolerances to ±0.05%

TCR’s to ±100ppm/K

Convenient RN Type Package Styles


 




Similar Part No. - MF55

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MF55-1000-BB101 RCD-MF55-1000-BB101 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
MF55-1000-BB25 RCD-MF55-1000-BB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
MF55-1000-BB50 RCD-MF55-1000-BB50 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
MF55-1000-BT101 RCD-MF55-1000-BT101 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
MF55-1000-BT25 RCD-MF55-1000-BT25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
More results


Similar Description - MF55

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
Film Resistors
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
Film Resistors
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
Film Resistors
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
Film Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
MR12 RFE-MR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com