Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA Datasheet (PDF) - Riedon Powertron

SCA Datasheet PDF - Riedon Powertron
Part # SCA
Download  SCA Download
File Size   287.69 Kbytes
Page   1 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Precision Metal Film Resistors

SCA Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA Datasheet PDF - Riedon Powertron

Part # SCA
Download  SCA Click to download

File Size   287.69 Kbytes
Page   1 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Precision Metal Film Resistors

SCA Datasheet (HTML) - Riedon Powertron


SCA Product details

Precision Metal Film Resistors

•  Resistances from 10 to 1MOhms
•  Power Rating 0.25Watts
•  Resistance Tolerances to ±0.05%
•  TCR to ± 5ppm/°C
•  Non-Inductive Design
•  Space Efficient Radial Leads
•  Encapsulating Available (AA series)




Similar Part No. - SCA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCA KEMET-SCA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Riedon Powertron
SCA RIEDON-SCA Datasheet
159Kb / 1P
Precision Metal Film Resistors
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
More results


Similar Description - SCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com