Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2000 Datasheet (PDF) - Infineon Technologies AG

XC2000 Datasheet PDF - Infineon Technologies AG
Part # XC2000
Download  XC2000 Download
File Size   4989.48 Kbytes
Page   729 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units

XC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC2000 Datasheet PDF - Infineon Technologies AG

Part # XC2000
Download  XC2000 Click to download

File Size   4989.48 Kbytes
Page   729 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units

XC2000 Datasheet (HTML) - Infineon Technologies AG


XC2000 Product details

General Device Information
The XC226x derivatives are high-performance members of the Infineon XC2000 Family of full featured single-chip CMOS microcontrollers. These devices extend the functionality and performance of the C166 Family in terms of instructions (MAC unit), peripherals, and speed. They combine high CPU performance (up to 66 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. Optimized peripherals can be adapted to the application’s requirements in a flexible way. These derivatives also provide clock generation via PLL and internal or external clock sources, and various on-chip memory modules such as program Flash, program RAM, and data RAM.

Summary of Features
For a quick overview or reference, the XC226x’s properties are listed here in a condensed way.
• High Performance 16-bit CPU with 5-Stage Pipeline
   – 15 ns Instruction Cycle Time at 66 MHz CPU Clock (Single-Cycle Execution)
   – 1-Cycle 32-bit Addition and Subtraction with 40-bit result
   – 1-Cycle Multiplication (16 × 16 bit)
   – 1-Cycle Multiply-and-Accumulate (MAC) Instructions
   – Background Division (32 / 16 bit) in 21 Cycles
   – Enhanced Boolean Bit Manipulation Facilities
   – Zero-Cycle Jump Execution
   – Additional Instructions to Support HLL and Operating Systems
   – Register-Based Design with Multiple Variable Register Banks
   – Fast Context Switching Support with Two Additional Local Register Banks
   – 16 Mbytes Total Linear Address Space for Code and Data
   – 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible)
• 16-Priority-Level Interrupt System with up to 87 Sources, Selectable External Inputs
   for Interrupt Generation and Wake-Up, Sample-Rate down to 15 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
   Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
• Clock Generation from Internal or External Clock Sources,
   via on-chip PLL or via Prescaler
• On-Chip Memory Modules
   – 1 Kbyte On-Chip Stand-By RAM (SBRAM)
   – 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
   – 16 Kbytes On-Chip Data SRAM (DSRAM)
   – Up to 64 Kbytes On-Chip Program/Data SRAM (PSRAM)
   – Up to 768 Kbytes On-Chip Program Memory (Flash Memory)
• On-Chip Peripheral Modules
   – Two Synchronizable A/D Converters with a total of 16 Channels, 10-bit Resolution,
      Conversion Time down to 1.2 µs, Optional Data Preprocessing (Data Reduction,
      Range Check)
   – 16-Channel General Purpose Capture/Compare Unit (CAPCOM2)
   – Up to four Capture/Compare Units for flexible PWM Signal Generation (CCU6x)
   – Multi-Functional General Purpose Timer Unit with 5 Timers
   – Six Serial Interface Channels to be used as UART, LIN, High-Speed Synchronous
      Channel (SPI/QSPI), IIC Bus Interface (10-bit addressing, 400 kbit/s), IIS Interface
   – On-Chip MultiCAN Interface (Rev. 2.0B active) with up to 128 Message Objects
      (Full CAN/Basic CAN) on up to 5 CAN Nodes and Gateway Functionality
   – On-Chip Real Time Clock
• Up to 12 Mbytes External Address Space for Code and Data
   – Programmable External Bus Characteristics for Different Address Ranges
   – Multiplexed or Demultiplexed External Address/Data Buses
   – Selectable Address Bus Width
   – 16-Bit or 8-Bit Data Bus Width
   – Four Programmable Chip-Select Signals
• Single Power Supply from 3.0 V to 5.5 V
• Power Reduction Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 75 General Purpose I/O Lines
• On-Chip Bootstrap Loader
• Supported by a Large Range of Development Tools like C-Compilers,
   Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators,
   Logic Analyzer Disassemblers, Programming Boards
• On-Chip Debug Support via JTAG Interface
• 100-Pin Green LQFP Package, 0.5 mm (19.7 mil) pitch




Similar Part No. - XC2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2000 INFINEON-XC2000 Datasheet
2Mb / 110P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.91, Feb. 2007
XC2000 INFINEON-XC2000 Datasheet
4Mb / 647P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
XC2000 INFINEON-XC2000 Datasheet
2Mb / 112P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2015-02
XC2000 INFINEON-XC2000_1 Datasheet
4Mb / 647P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
More results


Similar Description - XC2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC161 INFINEON-XC161 Datasheet
3Mb / 419P
16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
V2.2, Jan. 2004
XC164-16 INFINEON-XC164-16 Datasheet
3Mb / 417P
16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
V2.1, March 2004
XC167-16 INFINEON-XC167-16 Datasheet
3Mb / 442P
16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
V2.0, April 2004
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2000 INFINEON-XC2000_1 Datasheet
4Mb / 647P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com