Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD880Y Datasheet (PDF) - Usha India Ltd.

2SD880Y Datasheet PDF - Usha India Ltd.
Part # 2SD880Y
Download  2SD880Y Download
File Size   50.71 Kbytes
Page   2 Pages
Manufacturer  USHA [Usha India Ltd.]
Direct Link  http://www.fairchildsemi.com/
Logo USHA - Usha India Ltd.
Description SILICON PLASTIC POWER TRANSISTOR

2SD880Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD880Y Datasheet PDF - Usha India Ltd.

Part # 2SD880Y
Download  2SD880Y Click to download

File Size   50.71 Kbytes
Page   2 Pages
Manufacturer  USHA [Usha India Ltd.]
Direct Link  http://www.fairchildsemi.com/
Logo USHA - Usha India Ltd.
Description SILICON PLASTIC POWER TRANSISTOR

2SD880Y Datasheet (HTML) - Usha India Ltd.


2SD880Y Product details

NPN 2SD880Y

3A 30W



* Collector-Emitter Voltage: VCEO=60V

* DC Current Gain: 20 @ IC=3A

* TO-220 Package




Similar Part No. - 2SD880Y

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
TRANSYS Electronics Lim...
2SD880 TEL-2SD880 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SD880 ISC-2SD880 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SD880Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD253 ONSEMI-MJD253 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
logo
Continental Device Indi...
MJD13003 CDIL-MJD13003 Datasheet
591Kb / 5P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
MJD243 ONSEMI-MJD243_11 Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER TRANSISTOR
logo
First Components Intern...
TIP31 FCI-TIP31 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP35 FCI-TIP35 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP36 FCI-TIP36 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41 FCI-TIP41 Datasheet
50Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41CST FCI-TIP41CST Datasheet
56Kb / 1P
Complementary Silicon Plastic Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com