Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE180N10 Datasheet (PDF) - STMicroelectronics

STE180N10 Datasheet PDF - STMicroelectronics
Part # STE180N10
Download  STE180N10 Download
File Size   85.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET

STE180N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STE180N10 Datasheet PDF - STMicroelectronics

Part # STE180N10
Download  STE180N10 Click to download

File Size   85.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET

STE180N10 Datasheet (HTML) - STMicroelectronics


STE180N10 Product details

■ TYPICAL RDS(on) = 5.5 mΩ

■ 100% AVALANCHE TESTED

■ LOW INTRINSIC CAPACITANCE

■ GATE CHARGE MINIMIZED

■ REDUCED VOLTAGE SPREAD



INDUSTRIAL APPLICATIONS:

■ SMPS & UPS

■ MOTOR CONTROL

■ WELDING EQUIPMENT

■ OUTPUT STAGE FOR PWM, ULTRASONIC CIRCUITS




Similar Part No. - STE180N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180N05 STMICROELECTRONICS-STE180N05 Datasheet
159Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
Nov-1999
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
247Kb / 12P
N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
20-Feb-2007
logo
Inchange Semiconductor ...
STE180NE10 ISC-STE180NE10 Datasheet
562Kb / 3P
N-Channel MOSFET
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
20-Feb-2007
More results


Similar Description - STE180N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
Nov-1999
logo
Fairchild Semiconductor
IRF510-513 FAIRCHILD-IRF510-513 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
STMicroelectronics
STE250NS10 STMICROELECTRONICS-STE250NS10 Datasheet
297Kb / 8P
N-CHANNEL 100V - 0.0045 W - 220A ISOTOP STripFET POWER MOSFET
Sep-2001
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
N-channel 100V - 0.0045Ω - 220A - ISOTOP STripFET??Power MOSFET
04-Oct-2006
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
20-Feb-2007
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
logo
Shindengen Electric Mfg...
P180FP4SN SHINDENGEN-P180FP4SN Datasheet
1Mb / 7P
Power MOSFETs 40V, 180A, N-channel
P180FP6SN SHINDENGEN-P180FP6SN Datasheet
1Mb / 7P
Power MOSFETs 60V, 180A, N-channel
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com